Part Number Hot Search : 
RD6180 SCBAR6 P6KE68C 4050B M63015FP GBU8A BC856F LM9848
Product Description
Full Text Search
 

To Download MH100547NJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MH1005L-
CONFIGURATION & DIMENSIONS
A A B B C D D : : : : 1.000.10 0.500.10 0.500.10 0.230.10 m/m m/m m/m m/m
SCHEMATIC DIAGRAM
FEATURES
aMonolithic structure ensuring high performance and reliability. bHigh frequency applications up to 6GHz. cTerminalAg/Cu/Ni/Sn dRemarkProducts comply with RoHS' requirements
APPLICATIONS
aRF modules for telecommunication systems including GSM, PCS,DECT,WLAN,Bluetooth,etc.
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
C
GENERAL SPECIFICATION
aStorage temp.-55---- +125 bOperating temp.-55 ---- +125 cSolderabilityPreheat 150. 60 sec SolderH63A Solder temp.2305 FluxRosin Dip time41 sec
Temperature ( ) 250
Temperature Rising Area +4.0 / sec max.
Preheat Area 150 ~ 200 / 60 ~ 120sec
Reflow Area +2.0 ~ 4.0 / sec max.
Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 230
50sec max.
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MH1005L-
ELECTRICAL CHARACTERISITCS
DWG No. MH10051N0DL - MH10051N2DL - MH10051N5DL - MH10051N8DL - MH10052N2DL - MH10052N7DL - MH10053N3DL - MH10053N9DL - MH10054N7DL - MH10055N6DL - MH10056N8JL - MH10058N2JL - MH100510NJL - MH100512NJL - MH100515NJL - MH100518NJL - MH100522NJL - MH100527NJL - MH100533NJL - MH100539NJL - MH100547NJL - MH100556NJL - MH100568NJL - MH100582NJL - MH1005R10JL - Inductance ( nH ) 1.0 0.3 1.2 0.3 1.5 0.3 1.8 0.3 2.2 0.3 2.7 0.3 3.3 0.3 3.9 0.3 4.7 0.3 5.6 0.3 6.8 5% 8.2 5% 10.0 5% 12.0 5% 15.0 5% 18.0 5% 22.0 5% 27.0 5% 33.0 5% 39.0 5% 47.0 5% 56.0 5% 68.0 5% 82.0 5% 100.0 5% Q min 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 L/Q Test Freq. ( MHz ) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 SRF ( MHz ) nom >15000 >15000 >15000 14000 12000 9500 8500 7000 6000 5400 5000 4600 3700 3200 3100 2900 2100 1900 1600 1400 1200 1100 1000 900 850 RDC () max 0.12 0.12 0.13 0.14 0.16 0.17 0.19 0.22 0.24 0.27 0.32 0.40 0.45 0.50 0.60 0.65 0.80 0.90 1.00 1.20 1.30 2.00 2.20 2.50 2.50 IDC ( mA ) max 300 300 300 300 300 300 300 300 300 300 250 250 250 250 250 200 200 200 200 150 150 150 100 100 100
1). Packaging Information... ABulk BTaping Reel 2)."-
":Reference code
AR-001A
SPECIFICATION FOR APPROVAL
R EF : P ROD. NAME PAGE: 3
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
M H1005L-
L / Q VS . F REQ. CURVE
L vs. F requency
500
100
47N
Inductance ( nH )
27N 15N
10
6N8
3N3
1N5
1 1.0 e-02
10
F requency ( GHz )
Q vs . F requency
100
1N5
80
60
3N3
Q
40
6N8
27N
15N
20
47N
0 1.0 e-02
10
F requency ( GHz )
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MH1005L-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5
A
C
C
N
B
G
D
Embossed Carrier
Carrier tape width : D P:2 m/m End 4 m/m Start
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 08 A 178 B 210.8 C 13 D 8 G 10 +0 N 50 -0
Unit:m/m T 12.5
( 3 ) Q'TY & G.W. Per package Series
Q'TY (pcs) G.W. (gw) Style Q'TY(kpcs) G.W. (Kg) Size (cm)
Inner : Reel
Outer : Carton
MH1005
10,000
60
07 - 08
500
5.5
42 x 41 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
MULTILAYER CHIP INDUCTOR
( 4 ) TYPE DIMENSIONS
1.750.1 (0.0690.004)
ABC'S DWG NO. ABC'S ITEM NO.
MH1005L-
Fig 1.
1.550.05 40.1 20.05 (0.1570.004) (0.0790.002) (0.0610.002)
T max.
F0.05 (0.002)
P0.1 (0.004)
A0.1 (0.004)
B0.1(0.004)
W0.2 (0.008)
Unit:m/m Type MH1005 A 0.65 B 1.15 F 3.50 P 2.0 T 0.80 W 8.0 Fig 1
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MH1005L-
DWGING NUMBER EXPRESSION
MH
1
0
0
5 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information Remark
Code A B
Inner package T.B.D. T / R ( Reel package )
Inner package Q'TY T.B.D. 10,000 pcs
AR-001A


▲Up To Search▲   

 
Price & Availability of MH100547NJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X